Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 72Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 73Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 74Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 75Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 76Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 77Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 78Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 79Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
1.E+04
1.E+05
1.E+06
1.E+07
Ripple Noise Frequency [Hz]
40mVpp
60mVpp
100mVpp
Ripple Noise Amplitude
Figure 2.47
Measured capacitance reduction amount
2.10
Comparator Characteristics
Table 2.52
ACMPLP characteristics
Conditions: VCC = AVCC0 = 1.6 to 5.5 V, VSS = AVSS0 = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Reference voltage range
VREF
0
—
VCC-1.4
V
—
Input voltage range
VI
0
—
VCC
V
—
Internal reference voltage*1
—
1.34
1.44
1.54
V
—
Output delay time
High-speed mode
Td
—
—
1.2
µs
VCC = 3.0 V
Low-speed mode
—
—
9
µs
Window mode
—
—
2
µs
Offset voltage
High-speed mode
—
—
—
50
mV
—
Low-speed mode
—
—
—
40
mV
—
Window mode
—
—
—
60
mV
—
Internal reference voltage for window mode
VRFH
—
0.76 × VCC —
V
—
VRFL
—
0.24 × VCC —
V
—
Operation
stabilization wait
time
High-speed mode
Tcmp
100
—
—
µs
—
Low-speed mode
200
—
—
Note 1. The internal reference voltage can be selected as ACMPLP reference voltage only when 2.94 V ≤ VCC ≤ 5.50 V.
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 76 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com