Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 67Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 68Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 69Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 70Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 71Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 72Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 73Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 74Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
Table 2.49
Power-on reset circuit and voltage detection circuit characteristics (1) (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Voltage detection
level*1
Voltage detection
circuit (LVD1)*3
When power supply rise
Vdet1_8
2.63
2.75
2.85
V
Figure 2.45
At falling edge
VCC
When power supply fall
2.58
2.68
2.78
When power supply rise
Vdet1_9
2.54
2.64
2.75
When power supply fall
2.48
2.58
2.68
When power supply rise
Vdet1_A
2.43
2.53
2.63
When power supply fall
2.38
2.48
2.58
When power supply rise
Vdet1_B
2.16
2.26
2.36
When power supply fall
2.10
2.20
2.30
When power supply rise
Vdet1_C
1.88
2
2.09
When power supply fall
1.84
1.96
2.05
When power supply rise
Vdet1_D
1.78
1.9
1.99
When power supply fall
1.74
1.86
1.95
When power supply rise
Vdet1_E
1.67
1.79
1.88
When power supply fall
1.63
1.75
1.84
When power supply rise
Vdet1_F
1.65
1.7
1.78
When power supply fall
1.60
1.65
1.73
Voltage detection
level*1
Voltage detection
circuit (LVD2)*4
When power supply rise
Vdet2_0
4.20
4.40
4.57
V
Figure 2.46
At falling edge
VCC
When power supply fall
4.11
4.31
4.48
When power supply rise
Vdet2_1
4.05
4.25
4.42
When power supply fall
3.97
4.17
4.34
When power supply rise
Vdet2_2
3.91
4.11
4.28
When power supply fall
3.83
4.03
4.20
When power supply rise
Vdet2_3
3.71
3.91
4.08
When power supply fall
3.64
3.84
4.01
Note 1. These characteristics apply when noise is not superimposed on the power supply. When a setting causes this voltage detection
level to overlap with that of the voltage detection circuit, it cannot be specified whether LVD1 or LVD2 is used for voltage detection.
Note 2. # in the symbol Vdet0_# denotes the value of the OFS1.VDSEL0[2:0] bits.
Note 3. # in the symbol Vdet1_# denotes the value of the LVDLVLR.LVD1LVL[4:0] bits.
Note 4. # in the symbol Vdet2_# denotes the value of the LVDLVLR.LVD2LVL[2:0] bits.
Table 2.50
Power-on reset circuit and voltage detection circuit characteristics (2) (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Wait time after power-on
reset cancellation
LVD0: enable
tPOR
—
4.3
—
ms
—
LVD0: disable
tPOR
—
3.7
—
ms
—
Wait time after voltage
monitor 0, 1, 2 reset
cancellation
LVD0: enable*1
tLVD0,1,2
—
1.4
—
ms
—
LVD0: disable*2
tLVD1,2
—
0.7
—
ms
—
Power-on reset response delay time*3
tdet
—
—
500
µs
Figure 2.42, Figure 2.43
LVD0 response delay time*3
tdet
—
—
500
µs
Figure 2.44
LVD1 response delay time*3
tdet
—
—
350
µs
Figure 2.45
LVD2 response delay time*3
tdet
—
—
600
µs
Figure 2.46
Minimum VCC down time
tVOFF
500
—
—
µs
Figure 2.42, VCC = 1.0 V or
above
Power-on reset enable time
tW (POR)
1
—
—
ms
Figure 2.43, VCC = below 1.0
V
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 71 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com