Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 16Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 17Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 18Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 19Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 20Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 21Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 22Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 23Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 114 page
background image
2.
Electrical Characteristics
Unless otherwise specified, the electrical characteristics of the MCU are defined under the following conditions:
VCC*1 = AVCC0 = VCC_DCDC*2 = 1.6 to 5.5 V, VREFH0 = 1.6 V to AVCC0
VSS = AVSS0 = VREFL0 = 0 V, Ta = Topr
Note 1. The typical condition is set to VCC = 3.3 V.
Note 2. When VCC_DCDC is used. VCC = AVCC0 = VCC_DCDC = 2.4 to 5.5 V.
Figure 2.1 shows the timing conditions.
For example, P300
C
VOH = VCC × 0.7, VOL = VCC × 0.3
VIH = VCC × 0.7, VIL = VCC × 0.3
Load capacitance C = 30 pF
Figure 2.1
Input or output timing measurement conditions
The measurement conditions of the timing specifications for each peripheral are recommended for the best peripheral
operation. However, make sure to adjust driving abilities for each pin to meet the conditions of your system.
Each function pin used for the same function must select the same drive ability. If the I/O drive ability of each function pin
is mixed, the AC characteristics of each function are not guaranteed.
2.1
Absolute Maximum Ratings
Table 2.1
Absolute maximum ratings (1 of 2)
Parameter
Symbol
Value
Unit
Power supply voltage
VCC
-0.5 to +6.5
V
Input voltage
5V-tolerant ports*1
Vin
-0.3 to +6.5
V
P000 to P008, P010 to P015
Vin
-0.3 to AVCC0 + 0.3
V
Others
Vin
-0.3 to VCC + 0.3
V
Reference power supply voltage
VREFH0
-0.3 to +6.5
V
Analog power supply voltage
AVCC0
-0.5 to +6.5
V
Switching regulator power supply voltage
VCC_DCDC
-0.5 to +6.5
V
Analog input voltage
When AN000 to AN014 are
used
VAN
-0.3 to AVCC0 + 0.3
V
When AN017 to AN020 are
used
-0.3 to VCC + 0.3
V
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 20 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com