Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 77Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 78Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 79Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 80Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 81Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 82Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 83Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 84Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 114 page
background image
tSWCKH
tSWCKf
tSWCKcyc
SWCLK
tSWCKr
tSWCKL
Figure 2.49
SWD SWCLK timing
tSWDS
SWCLK
tSWDH
SWDIO
(Input)
tSWDD
SWDIO
(Output)
tSWDD
SWDIO
(Output)
tSWDD
SWDIO
(Output)
Figure 2.50
SWD input/output timing
2.12
DCDC Characteristics
Table 2.63
DCDC characteristics
Conditions: VCC = AVCC0 = VCC_DCDC = 2.4 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
DCDC output Voltage
—
1.42
1.50
1.58
V
—
Power switching stabilization time
—
—
—
22
µs
Switch from LDO power to DCDC
power
—
—
—
60
µs
Switch from DCDC power to LDO
power
—
—
—
60
µs
Switch from DCDC power to LDO
power in the LC boost mode
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 81 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com