Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 31Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 32Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 33Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 34Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 35Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 36Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 37Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 38Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
Table 2.21
Clock timing (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
—
—
4
1.6 ≤ VCC < 1.8
Main clock oscillator oscillation frequency
fMAIN
1
—
20
MHz
1.8 ≤ VCC ≤ 5.5
1
—
4
1.6 ≤ VCC < 1.8
LOCO clock oscillation frequency
fLOCO
27.8528
32.768
37.6832
kHz
—
LOCO clock oscillation stabilization time
tLOCO
—
—
100
µs
Figure 2.4
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
—
MOCO clock oscillation frequency
fMOCO
6.8
8
9.2
MHz
—
MOCO clock oscillation stabilization time
tMOCO
—
—
1
µs
—
HOCO clock oscillation frequency*5
fHOCO24
23.76
24
24.24
MHz
Ta = -40 to 105°C
1.6 ≤ VCC ≤ 5.5
fHOCO32
31.68
32
32.32
Ta = -40 to 105°C
1.6 ≤ VCC ≤ 5.5
fHOCO48
47.52
48
48.48
Ta = -40 to 105°C
1.6 ≤ VCC ≤ 5.5
fHOCO64
63.36
64
64.64
Ta = -40 to 105°C
1.6 ≤ VCC ≤ 5.5
HOCO clock oscillation stabilization time*3 *4
tHOCO24
tHOCO32
tHOCO48
tHOCO64
—
1.9
—
µs
Figure 2.5
Sub-clock oscillator oscillation frequency
fSUB
—
32.768
—
kHz
—
Sub-clock oscillation stabilization time*2
tSUBOSC
—
0.5
—
s
Figure 2.6
Note 1. Time until the clock can be used after the Main Clock Oscillator stop bit (MOSCCR.MOSTP) is set to 0 (operating) when the
external clock is stable.
Note 2. After changing the setting of the SOSCCR.SOSTP bit to start sub-clock oscillator operation, only start using the sub-clock oscillator
after the sub-clock oscillation stabilization wait time elapsed. Use the oscillator wait time value recommended by the oscillator
manufacturer.
Note 3. This is a characteristic when the HOCOCR.HCSTP bit is set to 0 (oscillation) in the MOCO stop state. When the HOCOCR.HCSTP
bit is set to 0 (oscillation) during MOCO oscillation, this specification is shortened by 1 µs.
Note 4. Check OSCSF.HOCOSF to confirm whether stabilization time has elapsed.
Note 5. Accuracy at production test.
tXH
tXcyc
EXTAL external clock input
VCC × 0.5
tXL
tXr
tXf
Figure 2.3
EXTAL external clock input timing
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 35 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com