Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/300H Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # H8/300H
Description  Renesas 16-Bit Single-Chip Microcomputer
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/300H Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button H8/300H Datasheet HTML 97Page - Renesas Technology Corp H8/300H Datasheet HTML 98Page - Renesas Technology Corp H8/300H Datasheet HTML 99Page - Renesas Technology Corp H8/300H Datasheet HTML 100Page - Renesas Technology Corp H8/300H Datasheet HTML 101Page - Renesas Technology Corp H8/300H Datasheet HTML 102Page - Renesas Technology Corp H8/300H Datasheet HTML 103Page - Renesas Technology Corp H8/300H Datasheet HTML 104Page - Renesas Technology Corp H8/300H Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 552 page
background image
Section 4 Clock Pulse Generators
Rev. 3.00 May 15, 2007 Page 69 of 518
REJ09B0152-0300
Figure 4.6 shows the equivalent circuit of the crystal resonator.
C
S
C
O
L
S
R
S
X1
X2
C
O
= 1.5 pF (typ.)
R
S
= 14 k
Ω (typ.)
f
W
= 32.768 kHz/38.4 kHz
Figure 4.6 Equivalent Circuit of 32.768-kHz/38.4-kHz Crystal Resonator
4.3.2
Pin Connection when not Using Subclock
When the subclock is not used, connect the X1 pin to GND and leave the X2 pin open, as shown
in figure 4.7.
X1
X2
GND
Open
Figure 4.7 Pin Connection when not Using Subclock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com