| Electronic Components Datasheet Search |
|
H8/300H Datasheet(PDF) 103 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/300H Datasheet(HTML) 103 Page - Renesas Technology Corp |
|
103 / 552 page ![]() Section 4 Clock Pulse Generators Rev. 3.00 May 15, 2007 Page 71 of 518 REJ09B0152-0300 4.4 Prescalers This LSI is equipped with two on-chip prescalers (prescaler S and prescaler W), which have different input clocks. Prescaler S is a 13-bit counter using the system clock ( φ) as its input clock. Its prescaled outputs provide internal clock signals for on-chip peripheral modules. Prescaler W is an 8-bit counter using φ W/4, which is 1/4th of the watch clock φW, as its input clock. Its prescaled outputs provide internal clock signals for on-chip peripheral modules. 4.4.1 Prescaler S Prescaler S is a 13-bit counter using the system clock ( φ) as its input clock. A divided output is used as an internal clock of an on-chip peripheral module. Prescaler S is initialized to H'0000 at a reset, and starts counting up on exit from the reset state. In standby mode, watch mode, subactive mode, and subsleep mode, prescaler S stops and is initialized to H'0000. The CPU cannot read from or write to prescaler S. The output from prescaler S is shared by the on-chip peripheral modules. In active (medium- speed) mode and sleep (medium-speed) mode, the clock input to prescaler S is determined by the division ratio designated by the MA1 and MA0 bits in SYSCR1. 4.4.2 Prescaler W Prescaler W is an 8-bit counter using φ W/4, which is 1/4th of the watch clock φW, as its input clock. A divided output is used as an internal clock of an on-chip peripheral module. Prescaler W is initialized to H'00 at a reset, and starts counting up on exit from the reset state. In standby mode, prescaler W is halted. Even when transiting to watch mode, subactive mode, and subsleep mode, prescaler W continues operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |