| Electronic Components Datasheet Search |
|
TMS320C6743CPTP2 Datasheet(PDF) 103 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6743CPTP2 Datasheet(HTML) 103 Page - Texas Instruments |
|
103 / 151 page ![]() TMS320C6743 www.ti.com SPRS565D – APRIL 2009 – REVISED JUNE 2014 Table 6-48. General Timing Requirements for SPI0 Slave Modes(1) NO. MIN MAX UNIT 9 tc(SPC)S Cycle Time, SPI0_CLK, All Slave Modes greater of 3P or 40 ns 10 tw(SPCH)S Pulse Width High, SPI0_CLK, All Slave Modes 18 ns 11 tw(SPCL)S Pulse Width Low, SPI0_CLK, All Slave Modes 18 ns Polarity = 0, Phase = 0, 2P to SPI0_CLK rising Polarity = 0, Phase = 1, 2P Setup time, transmit data written to to SPI0_CLK rising 12 tsu(SOMI_SPC)S SPI before initial clock edge from ns Polarity = 1, Phase = 0, master.(2) (3) 2P to SPI0_CLK falling Polarity = 1, Phase = 1, 2P to SPI0_CLK falling Polarity = 0, Phase = 0, 18.5 from SPI0_CLK rising Polarity = 0, Phase = 1, 18.5 Delay, subsequent bits valid on from SPI0_CLK falling 13 td(SPC_SOMI)S SPI0_SOMI after transmit edge of ns Polarity = 1, Phase = 0, SPI0_CLK 18.5 from SPI0_CLK falling Polarity = 1, Phase = 1, 18.5 from SPI0_CLK rising Polarity = 0, Phase = 0, 0.5tc(SPC)S -3 from SPI0_CLK falling Polarity = 0, Phase = 1, 0.5tc(SPC)S -3 Output hold time, SPI0_SOMI valid from SPI0_CLK rising 14 toh(SPC_SOMI)S after ns Polarity = 1, Phase = 0, receive edge of SPI0_CLK 0.5tc(SPC)S -3 from SPI0_CLK rising Polarity = 1, Phase = 1, 0.5tc(SPC)S -3 from SPI0_CLK falling Polarity = 0, Phase = 0, 0 to SPI0_CLK falling Polarity = 0, Phase = 1, 0 Input Setup Time, SPI0_SIMO valid to SPI0_CLK rising 15 tsu(SIMO_SPC)S before ns Polarity = 1, Phase = 0, receive edge of SPI0_CLK 0 to SPI0_CLK rising Polarity = 1, Phase = 1, 0 to SPI0_CLK falling Polarity = 0, Phase = 0, 5 from SPI0_CLK falling Polarity = 0, Phase = 1, 5 Input Hold Time, SPI0_SIMO valid from SPI0_CLK rising 16 tih(SPC_SIMO)S after ns Polarity = 1, Phase = 0, receive edge of SPI0_CLK 5 from SPI0_CLK rising Polarity = 1, Phase = 1, 5 from SPI0_CLK falling (1) P = SYSCLK2 period (2) First bit may be MSB or LSB depending upon SPI configuration. SO(0) refers to first bit and SO(n) refers to last bit output on SPI0_SOMI. SI(0) refers to the first bit input and SI(n) refers to the last bit input on SPI0_SIMO. (3) Measured from the termination of the write of new data to the SPI module, In analyzing throughput requirements, additional internal bus cycles must be accounted for to allow data to be written to the SPI module by the DSP CPU. Copyright © 2009–2014, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 103 Submit Documentation Feedback Product Folder Links: TMS320C6743 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |