Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 104 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 100Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 101Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 102Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 103Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 104Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 105Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 106Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 107Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
Table 6-49. Additional(1) SPI0 Master Timings, 4-Pin Enable Option(2) (3)
NO.
MIN
MAX
UNIT
Polarity = 0, Phase = 0,
3P + 3.6
to SPI0_CLK rising
Polarity = 0, Phase = 1,
0.5tc(SPC)M + 3P + 3.6
Delay from slave assertion of
to SPI0_CLK rising
17
td(ENA_SPC)M
SPI0_ENA active to first SPI0_CLK
ns
Polarity = 1, Phase = 0,
from master.(4)
3P + 3.6
to SPI0_CLK falling
Polarity = 1, Phase = 1,
0.5tc(SPC)M + 3P + 3.6
to SPI0_CLK falling
Polarity = 0, Phase = 0,
0.5tc(SPC)M + P + 5
from SPI0_CLK falling
Polarity = 0, Phase = 1,
Max delay for slave to deassert
P + 5
from SPI0_CLK falling
SPI0_ENA after final SPI0_CLK edge
18
td(SPC_ENA)M
ns
to ensure master does not begin the
Polarity = 1, Phase = 0,
0.5tc(SPC)M + P + 5
next transfer.(5)
from SPI0_CLK rising
Polarity = 1, Phase = 1,
P + 5
from SPI0_CLK rising
(1)
These parameters are in addition to the general timings for SPI master modes (Table 6-47).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes.
(4)
In the case where the master SPI is ready with new data before SPI0_ENA assertion.
(5)
In the case where the master SPI is ready with new data before SPI0_EN A deassertion.
Table 6-50. Additional(1) SPI0 Master Timings, 4-Pin Chip Select Option(2) (3)
NO.
PARAMETER
MIN
MAX
UNIT
Polarity = 0, Phase = 0,
2P - 5
to SPI0_CLK rising
Polarity = 0, Phase = 1,
0.5tc(SPC)M + 2P - 5
to SPI0_CLK rising
Delay from SPI0_SCS active to first
19
td(SCS_SPC)M
ns
SPI0_CLK(4) (5)
Polarity = 1, Phase = 0,
2P - 5
to SPI0_CLK falling
Polarity = 1, Phase = 1,
0.5tc(SPC)M + 2P - 5
to SPI0_CLK falling
Polarity = 0, Phase = 0,
0.5tc(SPC)M +P - 3
from SPI0_CLK falling
Polarity = 0, Phase = 1,
P - 3
from SPI0_CLK falling
Delay from final SPI0_CLK edge to
20
td(SPC_SCS)M
ns
master deasserting SPI0_SCS (6) (7)
Polarity = 1, Phase = 0,
0.5tc(SPC)M + P -3
from SPI0_CLK rising
Polarity = 1, Phase = 1,
P - 3
from SPI0_CLK rising
(1)
These parameters are in addition to the general timings for SPI master modes (Table 6-47).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes.
(4)
In the case where the master SPI is ready with new data before SPI0_SCS assertion.
(5)
This delay can be increased under software control by the register bit field SPIDELAY.C2TDELAY[4:0].
(6)
Except for modes when SPIDAT1.CSHOLD is enabled and there is additional data to transmit. In this case, SPI0_SCS will remain
asserted.
(7)
This delay can be increased under software control by the register bit field SPIDELAY.T2CDELAY[4:0].
104
Peripheral Information and Electrical Specifications
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com