Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 33 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 33 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 29Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 30Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 31Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 32Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 33Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 34Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 35Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 36Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 37Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
33
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Table 8: ID (Autoselect) Address Map
Description
Address
Read Data
Manufacture ID
(SA) + 0000h
0001h
Device ID
(SA) + 0001h
227Eh
Protection
Verification
(SA) + 0002h
Sector Protection State (1= Sector protected, 0= Sector unprotected). This protection state
is shown only for the SA selected when entering ID-CFI ASO. Reading other SA provides
undefineddata.ToreadadifferentSAprotectionstateASOexitcommandmustbeusedand
then enter ID-CFI ASO again with the new SA.
Indicator Bits
(SA) + 0003h
DQ15-DQ08 = 1 (Reserved)
DQ7 - Factory Locked Secure Silicon Region
1 = Locked,
0 = Not Locked
DQ6 - Customer Locked Secure Silicon Region
1 = Locked
0 = Not Locked DQ5 = 1 (Reserved) DQ4 - WP# Protects
0 = lowest address Sector
1 = highest address Sector
DQ3 - DQ0 = 1 (Reserved)
RFU
(SA) + 0004h
Reserved
(SA) + 0005h
Reserved
(SA) + 0006h
Reserved
(SA) + 0007h
Reserved
(SA) + 0008h
Reserved
(SA) + 0009h
Reserved
(SA) + 000Ah
Reserved
(SA) + 000Bh
Reserved
Lower Software Bits
(SA) + 000Ch
Bit 0 - Status Register Support
1 = Status Register Supported
0 = Status Register not supported
Bit 1 - DQ polling Support
1 = DQ bits polling supported
0 = DQ bits polling not supported
Bit 3-2 - Command Set Support
11 = reserved
10 = reserved
01 = Reduced Command Set
00 = Classic Command set
Bits 4-15 - Reserved = 0
Upper Software Bits
(SA) + 000Dh
Reserved
Device ID
(SA) + 000Eh
2228h = 1 Gb
2223h = 512 Mb
2222h = 256 Mb
2221h = 128 Mb
Device ID
(SA) + 000Fh
2201h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com