Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 62 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 62 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 58Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 59Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 60Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 61Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 62Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 63Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 64Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 65Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 66Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
62
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Figure 19: Program Operation Timing Diagram
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
87
Data She e t
Figure 10.14 Program Operation Timing Diagram
Note:
1. PA = program address, PD = program data, DOUT is the true data at the program address.
Figure 10.15 Chip/Sector Erase Operation Timing Diagram
Note:
1. SA = sector address (for sector erase), VA = valid address for reading status data.
OE#
WE#
CE#
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
OE#
CE#
Addresses
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
tDS
tCS
tDH
tCH
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data (last two cycles)
RY/BY#
tRB
tBUSY
30h
In
Progress
Complete
55h
Note:1.PA=programaddress,PD=programdata,DOUTisthetruedataattheprogramaddress.
Figure 20: Chip/Sector Erase Operation Timing Diagram
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
87
Data She e t
Figure 10.14 Program Operation Timing Diagram
Note:
1. PA = program address, PD = program data, DOUT is the true data at the program address.
Figure 10.15 Chip/Sector Erase Operation Timing Diagram
Note:
1. SA = sector address (for sector erase), VA = valid address for reading status data.
OE#
WE#
CE#
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
OE#
CE#
Addresses
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
tDS
tCS
tDH
tCH
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data (last two cycles)
RY/BY#
tRB
tBUSY
30h
In
Progress
Complete
55h
Note:1.SA=sectoraddress(forsectorerase),VA=validaddressforreadingstatusdata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com