Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 31 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 31 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 27Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 28Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 29Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 30Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 31Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 32Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 33Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 34Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 35Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
31
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Table 7: Command Definitions (continued)
Legend:
• X=Don'tcare.
• RA=Addressofthememorytoberead.
• RD=DatareadfromlocationRAduringreadoperation.
• PA=Addressofthememorylocationtobeprogrammed.
• PD=DatatobeprogrammedatlocationPA.
• SA=Addressofthesectorselected.AddressbitsAMAX-A16uniquelyselectanysector.
• WBL=WriteBufferLocation.TheaddressmustbewithinthesameLine.
• WC=WordCountisthenumberofwritebufferlocationstoloadminus1.
• PWAx=Passwordaddressforword0=00h,word1=01h,word2=02h,andword3=03h.
• PWDx=Passworddataword0,word1,word2,andword3.
Notes:
1. SeeTable15:InterfaceStates(page41)fordescriptionofbusoperations.
2. Allvaluesareinhexadecimal.
3. Exceptforthefollowing,allbuscyclesarewritecycle:readcycleduringRead,ID/CFIRead
(ManufacturingID/DeviceID),IndicatorBits,SecureSiliconRegionRead,SSRLockRead,and2nd
cycleofStatusRegisterRead.
4. DatabitsDQ15-DQ8aredon’tcareincommandsequences,exceptforRD,PD,WCandPWD.
5. AddressbitsAMAX-A11aredon’tcaresforunlockandcommandcycles,unlessSAorPArequired.(AMAX
istheHighestAddresspin.).
6. Nounlockorcommandcyclesrequiredwhenreadingarraydata.
7. TheResetcommandisrequiredtoreturntoreadingarraydatawhendeviceisintheID-CFI(autoselect)
mode,orifDQ5goesHigh(whilethedeviceisprovidingstatusdata).
8. CommandisvalidwhendeviceisreadytoreadarraydataorwhendeviceisinID-CFI(autoselect)mode.
9. Thesystemcanreadandprogram/programsuspendinnon-erasingsectors,orentertheID-CFIASO,
whenintheEraseSuspendmode.TheEraseSuspendcommandisvalidonlyduringasectorerase
operation.
10. TheEraseResume/ProgramResumecommandisvalidonlyduringtheEraseSuspend/Program
Suspendmodes.
11. IssuethiscommandsequencetoreturntoREADmodeafterdetectingdeviceisinaWrite-to-Buffer-Abort
state.IMPORTANT:thefullcommandsequenceisrequiredifresettingoutofABORT.
12. TheExitcommandreturnsthedevicetoreadingthearray.
13. Thepasswordportioncanbeenteredorreadinanyorderaslongastheentire64-bitpasswordis
enteredorread.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com