Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 55 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 55 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 51Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 52Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 53Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 54Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 55Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 56Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 57Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 58Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 59Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
55
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Table 23: Read Operation VIO = 1.65V to VCC, VCC = 2.7V to 3.6V (-40°C to +85°C)
Parameter
Description
Test Setup
Speed Option
Unit
JEDEC
Std
90
100
110
tAVAV
tRC
Read Cycle Time1
128 Mb, 256 Mb
Min
100
110
ns
512 Mb, 1 Gb
110
120
tAVQV
tACC
Address to Output Delay
CE# = VIL
OE# = VIL
128 Mb, 256 Mb
Max
100
110
ns
512 Mb, 1 Gb
110
120
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
128 Mb, 256 Mb
Max
100
110
ns
512 Mb, 1 Gb
110
120
tPACC
Page Access Time
128 Mb, 256 Mb
Max
25
30
ns
512 Mb, 1 Gb
25
30
tGLQV
tOE
Output Enable to Output Delay
Max
35
ns
tAXQX
tOH
Output Hold time from addresses, CE# or OE#, Whichever Occurs First
Min
0
ns
tEHQZ
tDF
Chip Enable or Output Enable to Output High-Z1
Max
20
ns
tOEH
Output Enable Hold Time1
Read
Min
0
ns
Toggle and Data# Polling
Min
10
ns
tASSB
Automatic Sleep to Standby time1
CE# = VIL,
Address stable
Typ
5
μs
Max
8
μs
Note:1.Not100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com