Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 35 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 35 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 31Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 32Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 33Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 34Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 35Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 36Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 37Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 38Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 39Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
35
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Table 11: CFI Device Geometry Definition
Word Address
Data
Description
(SA) + 0027h
001Bh (1 Gb)
001Ah (512 Mb)
0019h (256 Mb)
0018h (128 Mb)
Device Size = 2N byte;
(SA) + 0028h
0001h
Flash Device Interface Description 0 = x8-only, 1 = x16-only, 2 = x8/x16 capable
(SA) + 0029h
0000h
(SA) + 002Ah
0009h
Max. number of byte in multi-byte write = 2N (00 = not supported)
(SA) + 002Bh
0000h
(SA) + 002Ch
0001h
Number of Erase Block Regions within device; 1 = Uniform Device, 2 = Boot Device
(SA) + 002Dh
00XXh
EraseBlockRegion1Information(refertoJEDECJESD68-01orJEP137specifications)
00FFh, 0003h, 0000h, 0002h =1 Gb
00FFh, 0001h, 0000h, 0002h = 512 Mb
00FFh, 0000h, 0000h, 0002h = 256 Mb
007Fh, 0000h, 0000h, 0002h = 128 Mb
(SA) + 002Eh
000Xh
(SA) + 002Fh
0000h
(SA) + 0030h
000Xh
(SA) + 0031h
0000h
Erase Block Region 2 Information (refer to CFI publication 100)
(SA) + 0032h
0000h
(SA) + 0033h
0000h
(SA) + 0034h
0000h
(SA) + 0035h
0000h
Erase Block Region 3 Information (refer to CFI publication 100)
(SA) + 0036h
0000h
(SA) + 0037h
0000h
(SA) + 0038h
0000h
(SA) + 0039h
0000h
Erase Block Region 4 Information (refer to CFI publication 100)
(SA) + 003Ah
0000h
(SA) + 003Bh
0000h
(SA) + 003Ch
0000h
(SA) + 003Dh
FFFFh
Reserved
(SA) + 003Eh
FFFFh
Reserved
(SA) + 003Fh
FFFFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com