Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 36 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 36 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 32Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 33Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 34Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 35Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 36Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 37Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 38Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 39Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 40Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
36
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Table 12: CFI Primary Vendor-Specific Extended Query
Word Address
Data
Description
(SA) + 0040h
0050h
Query-unique ASCII string “PRI”
(SA) + 0041h
0052h
(SA) + 0042h
0049h
(SA) + 0043h
0031h
Major version number, ASCII
(SA) + 0044h
0035h
Minor version number, ASCII
(SA) + 0045h
001Ch
Address Sensitive Unlock (Bits 1-0)
00b = Required
01b = Not Required
Process Technology (Bits 5-2)
0000b = 0.23 μm Floating Gate
0001b = 0.17 μm Floating Gate
0010b = 0.23 μm MirrorBit
0011b = 0.13 μm Floating Gate
0100b = 0.11 μm MirrorBit
0101b = 0.09 μm MirrorBit
0110b = 0.09 μm Floating Gate
0111b = 0.065 μm MirrorBit Eclipse
1000b = 0.065 μm MirrorBit
1001b = 0.045 μm MirrorBit
(SA) + 0046h
0002h
Erase Suspend
0 = Not Supported
1 = Read Only
2 = Read and Write
(SA) + 0047h
0001h
Sector Protect
00 = Not Supported
X = Number of sectors in smallest group
(SA) + 0048h
0000h
Temporary Sector Unprotect
00 = Not Supported
01 = Supported
(SA) + 0049h
0008h
Sector Protect/Unprotect Scheme
04 = High Voltage Method
05 = Software Command Locking Method
08 = Advanced Sector Protection Method
(SA) + 004Ah
0000h
Simultaneous Operation
00 = Not Supported
X = Number of banks
(SA) + 004Bh
0000h
Burst Mode Type
00 = Not Supported
01 = Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com