Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 65 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 65 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 60Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 61Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 62Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 63Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 64Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 65Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 66Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 67Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 68Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
65
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
11
Physical Interface
11 .1
Connection Diagram
Figure 23: 64-ball Fortified Ball Grid Array - Product Pinout (Top View)
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
93
Data She e t
11.2 64-Ball FBGA
11.2.1
Connection Diagram
Figure 11.3 64-ball Fortified Ball Grid Array
Notes:
1. Ball E1, Do Not Use (DNU), a device internal signal is connected to the package connector. The connector may be used by Spansion for
test or other purposes and is not intended for connection to any host system signal. Do not use these connections for PCB Signal routing
channels. Though not recommended, the ball can be connected to VCC or VSS through a series resistor.
2. Balls F7 and G1, Reserved for Future Use (RFU).
3. Balls A1, A8, C1, D1, H1, and H8, No Connect (NC).
ABCD
E
F
G
H
8
NC
A22
A23
Vio
VSS
A24
A25
NC
7
A13
A12
A14
A15
A16
RFU
DQ15
VSS
6
A9
A8
A10
A11
DQ7
DQ14
DQ13
DQ6
5
WE#
RESET#
A21
A19
DQ5
DQ12
VCC
DQ4
4
RY/BY#
WP#
A18
A20
DQ2
DQ10
DQ11
DQ3
3
A7
A17
A6
A5
DQ0
DQ8
DQ9
DQ1
2
A3
A4
A2
A1
A0
CE#
OE#
VSS
1
NC
DNU
Vio
RFU
NC
TOP VIEW
PRODUCT Pinout
-
NC for GL128S
NC for GL512S, GL256S, GL128S
NC for GL256S, GL128S
NC
NC
NC
Notes:
1. BallE1,DoNotUse(DNU),adeviceinternalsignalisconnectedtothepackageconnector.The
connectormaybeusedbytheOCMfortestorotherpurposesandisnotintendedforconnectionto
anyhostsystemsignal.DonotusetheseconnectionsforPCBSignalroutingchannels.Thoughnot
recommended,theballcanbeconnectedtoVCCorVSSthroughaseriesresistor.
2. BallsF7andG1,ReservedforFutureUse(RFU).
3. BallsA1,A8,C1,D1,H1,andH8,NoConnect(NC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com