Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 50 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 50 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 46Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 47Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 48Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 49Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 50Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 51Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 52Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 53Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 54Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
50
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
9 .5
Capacitance Characteristics
Table 19: Connector Capacitance for FBGA (LAE) Package
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
7
8
pF
COUT
Output Capacitance
VOUT = 0
5
6
pF
CIN2
Control Pin Capacitance
VIN = 0
3
7
pF
RY/BY#
Output Capacitance
VOUT = 0
3
4
pF
Notes:
1.Sampled,not100%tested.
2.TestconditionsTA=25°C,f=1.0MHz.
10
Timing Specifications
10 .1
AC Test Conditions
Figure 7: Test Setup
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
77
Data She e t
10. Timing Specifications
10.1 Key to Switching Waveforms
10.2 AC Test Conditions
Figure 10.1 Test Setup
Note:
1. Measured between VIL max and VIH min.
Figure 10.2 Input Waveforms and Measurement Levels
Waveform
Inputs
Outputs
Steady
Changing from H to L
Changing from L to H
Don't Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High-Z)
Table 10.1 Test Specification
Parameter
All Speeds
Units
Output Load Capacitance, CL
30
pF
Input Rise and Fall Times (Note 1)
1.5
ns
Input Pulse Levels
0.0-VIO
V
Input timing measurement reference levels
VIO/2
V
Output timing measurement reference levels
VIO/2
V
CL
Device
Under
Test
VIO
0.0 V
0.5 VIO
0.5 VIO
Output
Measurement Level
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com