Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 46 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 46 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 42Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 43Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 44Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 45Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 46Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 47Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 48Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 49Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 50Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
46
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
9 .3
Operating Ranges
9.3.1
Temperature Ranges
Industrial(I)Devices
AmbientTemperature(TA)-40°Cto+85°C
9.3.2
Power Supply Voltages
VCC
2.7Vto3.6V
VIO
1.65VtoVCC+200mV
Operatingrangesdefinethoselimitsbetweenwhichthefunctionalityofthedeviceisguaranteed.
9.3.3
Power-Up and Power-Down
Duringpower-uporpower-downVCCmustalwaysbegreaterthanorequaltoVIO(VCC≥VIO).
ThedeviceignoresallinputsuntilatimedelayoftVCShaselapsedafterthemomentthatVCCandVIObothrise
above,andstayabove,theminimumVCCandVIOthresholds.DuringtVCSthedeviceisperformingpoweron
resetoperations.
Duringpower-downorvoltagedropsbelowVCCLockoutmaximum(VLKO),theVCCandVIOvoltagesmustdrop
belowVCCReset(VRST)minimumforaperiodoftPDfortheparttoinitializecorrectlywhenVCCandVIOagain
rise to their operating ranges. See Figure 4: Power-down and Voltage Drop (page 47). If during a voltage
droptheVCCstaysaboveVLKOmaximumthepartwillstayinitializedandwillworkcorrectlywhenVCCisagain
aboveVCCminimum.Ifthepartlocksupfromimproperinitialization,ahardwareresetcanbeusedtoinitialize
thepartcorrectly.
NormalprecautionsmustbetakenforsupplydecouplingtostabilizetheVCCandVIOpowersupplies.Each
deviceinasystemshouldhavetheVCCandVIOpowersuppliesdecoupledbyasuitablecapacitorclosetothe
packageconnections(thiscapacitorisgenerallyontheorderof0.1μF).AtnotimeshouldVIObegreaterthen
200mVaboveVCC(VCC≥VIO-200mV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com