Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 47 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 47 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 43Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 44Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 45Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 46Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 47Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 48Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 49Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 50Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 51Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
47
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Table 17: Power-Up/Power-Down Voltage and Timing
Symbol
Parameter
Min
Max
Unit
VCC
VCC Power Supply
2.7
3.6
V
VLKO
VCC level below which re-initialization is required1
2.25
2.5
V
VRST
VCC and VIO Low voltage needed to ensure initialization will occur1
1.0
V
tVCS
VCC and VIO ≥minimumtofirstaccess1
300
μs
tPD
Duration of VCC ≤ VRST(min)1
15
μs
Note:1.Not100%tested.
Figure 3: Power-up
72
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
D a t a S h e e t
Note:
1. Not 100% tested.
Figure 9.1 Power-up
Figure 9.2 Power-down and Voltage Drop
Table 9.2 Power-Up/Power-Down Voltage and Timing
Symbol
Parameter
Min
Max
Unit
VCC
VCC Power Supply
2.7
3.6
V
VLKO
VCC level below which re-initialization is required (Note 1)
2.25
2.5
V
VRST
VCC and VIO Low voltage needed to ensure initialization will occur (Note 1)
1.0
V
tVCS
VCC and VIO ≥ minimum to first access (Note 1)
300
µs
tPD
Duration of VCC ≤ VRST(min) (Note 1)
15
µs
Vcc (m ax)
Vcc (m in)
Power Supply
Voltage
tim e
tVCS
Full Device Access
Vcc
VIO (m in)
VIO (m ax)
VIO
VCC (m ax)
VCC (m in)
VCC and VIO
tim e
VRST (m in)
tPD
tVCS
No Device Access Allowed
Full Device
Access
Allowed
VLKO (m ax)
Figure 4: Power-down and Voltage Drop
72
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
D a t a S h e e t
Note:
1. Not 100% tested.
Figure 9.1 Power-up
Figure 9.2 Power-down and Voltage Drop
Table 9.2 Power-Up/Power-Down Voltage and Timing
Symbol
Parameter
Min
Max
Unit
VCC
VCC Power Supply
2.7
3.6
V
VLKO
VCC level below which re-initialization is required (Note 1)
2.25
2.5
V
VRST
VCC and VIO Low voltage needed to ensure initialization will occur (Note 1)
1.0
V
tVCS
VCC and VIO ≥ minimum to first access (Note 1)
300
µs
tPD
Duration of VCC ≤ VRST(min) (Note 1)
15
µs
Vcc (m ax)
Vcc (m in)
Power Supply
Voltage
tim e
tVCS
Full Device Access
Vcc
VIO (m in)
VIO (m ax)
VIO
VCC (m ax)
VCC (m in)
VCC and VIO
tim e
VRST (m in)
tPD
tVCS
No Device Access Allowed
Full Device
Access
Allowed
VLKO (m ax)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com