Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 19 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 19 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 15Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 16Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 17Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 18Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 19Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 20Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 21Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 22Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 23Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
19
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Embedded Algorithms operate on the information visible in the currently active (entered) ASO. The system
continuestohaveaccesstotheASOuntilthesystemissuesanASOExitcommand,performsaHardware
RESET,oruntilpowerisremovedfromthedevice.AnASOExitCommandswitchesfromanASObacktothe
mainflasharrayaddressspace.ThecommandsacceptedwhenaparticularASOisenteredarelistedbetween
theASOenterandexitcommandsinthecommanddefinitionstable.SeeTable7:CommandDefinitions(page
28)foraddressanddatarequirementsforallcommandsequences.
5.1.3
Embedded Algorithms (EA)
Changingthenon-volatiledatainthememoryarrayrequiresacomplexsequenceofoperationsthatarecalled
EmbeddedAlgorithms(EA).ThealgorithmsaremanagedentirelybythedeviceinternalEmbeddedAlgorithm
Controller(EAC).ThemainalgorithmsperformprogramminganderasingofthemainarraydataandtheASO’s.
Thehostsystemwritescommandcodestotheflashdeviceaddressspace.TheEACreceivesthecommands,
performs all the necessary steps to complete the command, and provides status information during the
progressofanEA.
5 .2
Program and Erase Summary
Flashdatabitsareerasedinparallelinalargegroupcalledasector.TheEraseoperationplaceseachdatabit
inthesectorinthelogical1state(High).Flashdatabitsmaybeindividuallyprogrammedfromtheerased1
statetotheprogrammedlogical0(low)state.Adatabitof0cannotbeprogrammedbacktoa1.Asucceeding
readshowsthatthedataisstill0.Onlyeraseoperationscanconverta0toa1.Programmingthesameword
locationmorethanoncewithdifferent0bitswillresultinthelogicalANDofthepreviousdataandthenewdata
beingprogrammed.
5.2.1
Program Granularity
The MYX29GL01GS11DPIV2 supports two methods of programming, Word or Write Buffer Programming.
EachPagecanbeprogrammedbyeithermethod.Pagesprogrammedbydifferentmethodsmaybemixed
withinaLinefortheIndustrialTemperatureversion(-40°Cto+85°C).
5.2.2
Incremental Programming
Thesamewordlocationmaybeprogrammedmorethanonce,byeithertheWordorWriteBufferProgramming
methods,toincrementallychange1’sto0’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com