Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 61 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 61 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 57Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 58Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 59Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 60Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 61Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 62Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 63Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 64Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 65Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
61
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Table 25: Erase/Program Operations
Parameter
Description
VIO = 2.7V
to VCC
VIO = 1.65V
to VCC
Unit
JEDEC
Std
tWHWH1
tWHWH1
Write Buffer Program Operation
Typ
Note 3
μs
Effective Write Buffer Program Operation per Word
Typ
Note 3
μs
Program Operation per Word or Page
Typ
Note 3
μs
tWHWH2
tWHWH2
Sector Erase Operation1
Typ
Note 3
ms
tBUSY
Erase/Program Valid to RY/BY# Delay
Max
80
ns
tSR/W
Latency between Read and Write operations2
Min
10
ns
tESL
Erase Suspend Latency
Max
Note 3
μs
tPSL
Program Suspend Latency
Max
Note 3
μs
tRB
RY/BY# Recovery Time
Min
0
μs
Notes:
1. Not100%tested.
2. UpontherisingedgeofWE#,mustwaittSR/Wbeforeswitchingtoanotheraddress.
3. SeeTable6:EmbeddedAlgorithmCharacteristics(-40°Cto+85°C)(page27)forspecificvalues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com