Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 121 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 121 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 117Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 118Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 119Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 120Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 121Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 122Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 123Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 124Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 125Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 440 page
background image
Clock Generator Module (CGM)
CGM Registers
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
121
8.5.3 PLL Multiplier Select Registers
The PLL multiplier select registers (PMSH and PMSL) contain the
programming information for the modulo feedback divider.
MUL[11:0] — Multiplier Select Bits
These read/write bits control the modulo feedback divider that selects
the VCO frequency multiplier N. (See 8.3.3 PLL Circuits and 8.3.6
Programming the PLL.) A value of $0000 in the multiplier select
registers configure the modulo feedback divider the same as a value
of $0001. Reset initializes the registers to $0040 for a default multiply
value of 64.
NOTE:
The multiplier select bits have built-in protection such that they cannot
be written when the PLL is on (PLLON = 1).
Address:
$0038
Bit 7
6
54
32
1
Bit 0
Read:
0
0
0
0
MUL11
MUL10
MUL9
MUL8
Write:
Reset:
000
00
00
0
= Unimplemented
Figure 8-6. PLL Multiplier Select Register High (PMSH)
Address:
$0039
Bit 7
6
54
32
1
Bit 0
Read:
MUL7
MUL6
MUL5
MUL4
MUL3
MUL2
MUL1
MUL0
Write:
Reset:
010
00
00
0
Figure 8-7. PLL Multiplier Select Register Low (PMSL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com