Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 161 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 161 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 157Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 158Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 159Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 160Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 161Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 162Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 163Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 164Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 165Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 440 page
background image
Monitor ROM (MON)
Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
161
Table 10-3 lists external frequencies required to achieve a standard
baud rate of 9600 BPS. Other standard baud rates can be accomplished
using proportionally higher or lower frequency generators. If using a
crystal as the clock source, be aware of the upper frequency limit that the
internal clock module can handle.
10.3.5 Commands
The monitor ROM firmware uses these commands:
•
READ (read memory)
•
WRITE (write memory)
•
IREAD (indexed read)
•
IWRITE (indexed write)
•
READSP (read stack pointer)
•
RUN (run user program)
The monitor ROM firmware echoes each received byte back to the PTA0
pin for error checking. An 11-bit delay at the end of each command
allows the host to send a break character to cancel the command. A
delay of two bit times occurs before each echo and before READ,
IREAD, or READSP data is returned. The data returned by a read
command appears after the echo of the last byte of the command.
NOTE:
Wait one bit time after each echo before sending the next byte.
Table 10-3. Monitor Baud Rate Selection
External
Frequency
IRQ1
PTB0
Internal
Frequency
Baud Rate
(BPS)
4.9152 MHz
VTST
0
2.4576 MHz
9600
9.8304 MHz
VTST
1
2.4576 MHz
9600
9.8304 MHz
VDD
X
2.4576 MHz
9600
32.768 kHz
VSS
X
2.4576 MHz
9600
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com