Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 160 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 160 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 156Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 157Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 158Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 159Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 160Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 161Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 162Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 163Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 164Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 440 page
background image
Monitor ROM (MON)
Data Sheet
MC68HC908AP Family — Rev. 2.5
160
MOTOROLA
10.3.2 Data Format
Communication with the monitor ROM is in standard non-return-to-zero
(NRZ) mark/space data format. Transmit and receive baud rates must
be identical.
Figure 10-3. Monitor Data Format
10.3.3 Break Signal
A start bit (logic 0) followed by nine logic 0 bits is a break signal. When
the monitor receives a break signal, it drives the PTA0 pin high for the
duration of two bits and then echoes back the break signal.
Figure 10-4. Break Transaction
10.3.4 Baud Rate
The communication baud rate is controlled by the crystal frequency and
the state of the PTB0 pin (when IRQ1 is set to VTST) upon entry into
monitor mode. When PTB0 is high, the divide by ratio is 1024. If the
PTB0 pin is at logic 0 upon entry into monitor mode, the divide by ratio
is 512.
If monitor mode was entered with VDD on IRQ1, then the divide by ratio
is set at 1024, regardless of PTB0. If monitor mode was entered with VSS
on IRQ1, then the internal PLL steps up the external frequency,
presumed to be 32.768 kHz, to 2.4576 MHz. These latter two conditions
for monitor mode entry require that the reset vector is blank.
BIT 5
START
BIT
BIT 0
BIT 1
NEXT
STOP
BIT
START
BIT
BIT 2
BIT 3
BIT 4
BIT 6
BIT 7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
MISSING STOP BIT
2-STOP BIT DELAY BEFORE ZERO ECHO
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com