Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 156 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 156 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 152Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 153Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 154Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 155Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 156Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 157Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 158Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 159Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 160Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 440 page
background image
Monitor ROM (MON)
Data Sheet
MC68HC908AP Family — Rev. 2.5
156
MOTOROLA
10.3.1 Entering Monitor Mode
Table 10-1 shows the pin conditions for entering monitor mode. As
specified in the table, monitor mode may be entered after a POR and will
allow communication at 9600 baud provided one of the following sets of
conditions is met:
1. If $FFFE and $FFFF do not contain $FF (programmed state):
–
The external clock is 4.9152 MHz with PTB0 low or
9.8304 MHz with PTB0 high
–IRQ1 = VTST (PLL off)
2. If $FFFE and $FFFF both contain $FF (erased state):
–
The external clock is 9.8304 MHz
–IRQ1 = VDD (this can be implemented through the internal
IRQ1 pullup; PLL off)
3. If $FFFE and $FFFF both contain $FF (erased state):
–
The external clock is 32.768 kHz (crystal)
–IRQ1 = VSS (this setting initiates the PLL to boost the external
32.768 kHz to an internal bus frequency of 2.4576 MHz
If VTST is applied to IRQ1 and PTB0 is low upon monitor mode entry
(above condition set 1), the bus frequency is a divide-by-two of the input
clock. If PTB0 is high with VTST applied to IRQ1 upon monitor mode
entry, the bus frequency will be a divide-by-four of the input clock.
Holding the PTB0 pin low when entering monitor mode causes a bypass
of a divide-by-two stage at the oscillator only if VTST is applied to IRQ1.
In this event, the CGMOUT frequency is equal to the CGMXCLK
frequency, and the OSC1 input directly generates internal bus clocks. In
this case, the OSC1 signal must have a 50% duty cycle at maximum bus
frequency.
If entering monitor mode without high voltage on IRQ1 (above condition
set 2 or 3, where applied voltage is either VDD or VSS), then all port A pin
requirements and conditions, including the PTB0 frequency divisor
selection, are not in effect. This is to reduce circuit requirements when
performing in-circuit programming.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com