Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 153 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 153 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 149Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 150Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 151Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 152Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 153Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 154Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 155Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 156Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 157Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 440 page
background image
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
153
Data Sheet – MC68HC908AP Family
Section 10. Monitor ROM (MON)
10.1 Introduction
This section describes the monitor ROM (MON) and the monitor mode
entry methods. The monitor ROM allows complete testing of the MCU
through a single-wire interface with a host computer. Monitor mode entry
can be achieved without use of the higher test voltage, VTST, as long as
vector addresses $FFFE and $FFFF are blank, thus reducing the
hardware requirements for in-circuit programming.
In addition, to simplify user coding, routines are also stored in the
monitor ROM area for FLASH memory program /erase and EEPROM
emulation.
10.2 Features
Features of the monitor ROM include:
•
Normal user-mode pin functionality
•
One pin dedicated to serial communication between monitor ROM
and host computer
•
Standard mark/space non-return-to-zero (NRZ) communication
with host computer
•
Execution of code in RAM or FLASH
•
FLASH memory security feature1
•
FLASH memory programming interface
•
Enhanced PLL (phase-locked loop) option to allow use of external
32.768-kHz crystal to generate internal frequency of 2.4576 MHz
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the FLASH difficult for unauthorized users.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com