Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 154 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 154 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 150Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 151Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 152Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 153Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 154Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 155Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 156Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 157Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 158Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 440 page
background image
Monitor ROM (MON)
Data Sheet
MC68HC908AP Family — Rev. 2.5
154
MOTOROLA
•
959 bytes monitor ROM code size
($FC00–$FDFF and $FE10–$FFCE)
•
Monitor mode entry without high voltage, VTST, if reset vector is
blank ($FFFE and $FFFF contain $FF)
•
Standard monitor mode entry if high voltage, VTST, is applied to
IRQ1
•
Resident routines for in-circuit programming and EEPROM
emulation
10.3 Functional Description
The monitor ROM receives and executes commands from a host
computer. Figure 10-1 shows an example circuit used to enter monitor
mode and communicate with a host computer via a standard RS-232
interface.
Simple monitor commands can access any memory address. In monitor
mode, the MCU can execute code downloaded into RAM by a host
computer while most MCU pins retain normal operating mode functions.
All communication between the host computer and the MCU is through
the PTA0 pin. A level-shifting and multiplexing interface is required
between PTA0 and the host computer. PTA0 is used in a wired-OR
configuration and requires a pullup resistor.
The monitor code allows enabling the PLL to generate the internal clock,
provided the reset vector is blank, when the device is being clocked by
a low-frequency crystal. This entry method, which is enabled when IRQ1
is held low out of reset, is intended to support serial communication/
programming at 9600 baud in monitor mode by stepping up the external
frequency (assumed to be 32.768 kHz) by a fixed amount to generate
the desired internal frequency (2.4576 MHz). Since this feature is
enabled only when IRQ1 is held low out of reset, it cannot be used when
the reset vector is non-zero because entry into monitor mode in this case
requires VTST on IRQ1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com