Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 158 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 158 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 154Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 155Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 156Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 157Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 158Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 159Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 160Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 161Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 162Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 440 page
background image
Monitor ROM (MON)
Data Sheet
MC68HC908AP Family — Rev. 2.5
158
MOTOROLA
NOTE:
If the reset vector is blank and monitor mode is entered, the chip will see
an additional reset cycle after the initial POR reset. Once the part has
been programmed, the traditional method of applying a voltage, VTST, to
IRQ1 must be used to enter monitor mode.
The COP module is disabled in monitor mode based on these
conditions:
•
If monitor mode was entered as a result of the reset vector being
blank (above condition set 2 or 3), the COP is always disabled
regardless of the state of IRQ1 or RST.
•
If monitor mode was entered with VTST on IRQ1 (condition set 1),
then the COP is disabled as long as VTST is applied to either IRQ1
or RST.
The second condition states that as long as VTST is maintained on the
IRQ1 pin after entering monitor mode, or if VTST is applied to RST after
the initial reset to get into monitor mode (when VTST was applied to
IRQ1), then the COP will be disabled. In the latter situation, after VTST is
applied to the RST pin, VTST can be removed from the IRQ1 pin in the
interest of freeing the IRQ1 for normal functionality in monitor mode.
Figure 10-2 shows a simplified diagram of the monitor mode entry when
the reset vector is blank and just VDD voltage is applied to the IRQ1 pin.
An external oscillator of 9.8304 MHz is required for a baud rate of 9600,
as the internal bus frequency is automatically set to the external
frequency divided by four.
Enter monitor mode with pin configuration shown in Figure 10-1 by
pulling RST low and then high. The rising edge of RST latches monitor
mode. Once monitor mode is latched, the values on the specified pins
can change.
Once out of reset, the MCU waits for the host to send eight security
bytes. (See 10.4 Security.) After the security bytes, the MCU sends a
break signal (10 consecutive logic 0’s) to the host, indicating that it is
ready to receive a command.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com