Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 155 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 155 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 151Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 152Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 153Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 154Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 155Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 156Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 157Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 158Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 159Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 440 page
background image
Monitor ROM (MON)
Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
155
Figure 10-1. Monitor Mode Circuit
NOTES:
1. Monitor mode entry method:
SW2: Position C — High voltage entry (VTST); must use external OSC
Bus clock depends on SW1 (note 2).
SW2: Position D — Reset vector must be blank ($FFFE:$FFFF = $FF)
Bus clock = 2.4576MHz.
2. Affects high voltage entry to monitor mode only (SW2 at position C):
SW1: Position A — Bus clock = OSC1 ÷ 4
SW1: Position B — Bus clock = OSC1 ÷ 2
5. See Table 24-4 for VTST voltage level requirements.
HC908AP
RST
IRQ1
OSC1
OSC2
VSS
PTA0
6–30 pF
6–30 pF
0.1
µF
32.768kHz
PTA1
VDD
0.1
µF
VDD
PTA2
VDD
10 k
PTB0
VDD
10 k
10 k
SW1
A
B
VREG
(SEE NOTE 2)
C
D
XTAL CIRCUIT
16
15
2
6
VDD
MAX232
V+
V–
VDD
10 k
C1+
C1–
5
4
C2+
C2–
+
3
1
1
µF
+
+
+
8
7
DB9
2
3
5
10
9
+
1
2
3
4
5
6
74HC125
74HC125
1 k
VTST
VCC
GND
1
µF
1
µF
1
µF
1
µF
8.5 V
10 k
CONNECT TO OSC1, WITH OSC2 UNCONNECTED.
MUST BE USED IF SW2 IS AT POSITION C.
OSC1
(SEE NOTE 1)
SW2
330k
10k
0.033
µF
0.01
µF
CGMXFC
VDDA
VREFL
VSSA
EXT OSC
4.9152MHz/9.8304MHz
(50% DUTY)
VREFH
VREG
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com