Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 252 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 252 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 248Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 249Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 250Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 251Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 252Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 253Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 254Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 255Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 256Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 440 page
background image
Infrared Serial Communications
Data Sheet
MC68HC908AP Family — Rev. 2.5
252
MOTOROLA
14.3 Pin Name Conventions
The generic names of the IRSCI I/O pins are:
•
RxD (receive data)
•
TxD (transmit data)
IRSCI I/O (input/output) lines are implemented by sharing parallel I/O
port pins. The full name of an IRSCI input or output reflects the name of
the shared port pin. Table 14-1 shows the full names and the generic
names of the IRSCI I/O pins. The generic pin names appear in the text
of this section.
NOTE:
When the IRSCI is enabled, the SCTxD pin is an open-drain output and
requires a pullup resistor to be connected for proper SCI operation.\
14.4 IRSCI Module Overview
The IRSCI consists of a serial communications interface (SCI) and a
infrared interface sub-module as shown in Figure 14-2.
Figure 14-2. IRSCI Block Diagram
The SCI module provides serial data transmission and reception, with a
programmable baud rate clock based on the bus clock or the CGMXCLK.
Table 14-1. Pin Name Conventions
Generic Pin Names:
RxD
TxD
Full Pin Names:
PTC7/SCRxD
PTC6/SCTxD
SCTxD
INFRARED
SUB-MODULE
SCI_TxD
SCI_R32XCLK
SCI_R16XCLK
SERIAL
CGMXCLK
BUS CLOCK
INTERNAL BUS
COMMUNICATIONS
INTERFACE MODULE
(SCI)
SCRxD
SCI_RxD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com