Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 253 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 253 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 249Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 250Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 251Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 252Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 253Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 254Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 255Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 256Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 257Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 440 page
background image
Infrared Serial Communications Interface Module (IRSCI)
Infrared Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
253
The infrared sub-module receives two clock sources from the SCI
module: SCI_R16XCLK and SCI_R32XCLK. Both reference clocks are
used to generate the narrow pulses during data transmission.
The SCI_R16XCLK and SCI_R32XCLK are internal clocks with
frequencies that are 16 and 32 times the baud rate respectively. Both
SCI_R16XCLK and SCI_R32XCLK clocks are used for transmitting
data. The SCI_R16XCLK clock is used only for receiving data.
NOTE:
For proper SCI function (transmit or receive), the bus clock MUST be
programmed to at least 32 times that of the selected baud rate.
When the infrared sub-module is disabled, signals on the TxD and RxD
pins pass through unchanged to the SCI module.
14.5 Infrared Functional Description
Figure 14-3 shows the structure of the infrared sub-module.
Figure 14-3. Infrared Sub-Module Diagram
The infrared sub-module provides the capability of transmitting narrow
pulses to an infrared LED and receiving narrow pulses and transforming
them to serial bits, which are sent to the SCI module. The infrared sub-
module receives two clocks from the SCI. One of these two clocks is
selected as the base clock to generate the 3/16, 1/16, or 1/32 bit width
narrow pulses during transmission.
SCI_R16XCLK
TRANSMIT
ENCODER
RECEIVE
DECODER
MUX
MUX
SCTxD
SCRxD
IR_TxD
TNP[1:0]
SCI_TxD
IR_RxD
SCI_RxD
IREN
SCI_R32XCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com