Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 256 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 256 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 252Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 253Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 254Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 255Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 256Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 257Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 258Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 259Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 260Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 440 page
background image
Infrared Serial Communications
Data Sheet
MC68HC908AP Family — Rev. 2.5
256
MOTOROLA
The SCI allows full-duplex, asynchronous, NRZ serial communication
between the MCU and remote devices, including other MCUs. The
transmitter and receiver of the SCI operate independently, although they
use the same baud rate generator. During normal operation, the CPU
monitors the status of the SCI, writes the data to be transmitted, and
processes received data.
NOTE:
For SCI operations, the IR sub-module is transparent to the SCI module.
Data at going out of the SCI transmitter and data going into the SCI
receiver is always in SCI format. It makes no difference to the SCI
module whether the IR sub-module is enabled or disabled.
NOTE:
This SCI module is a standard HC08 SCI module with the following
modifications:
•
A control bit, CKS, is added to the SCI baud rate control register
to select between two input clocks for baud rate clock generation
•
The TXINV bit is removed from the SCI control register 1
14.6.1 Data Format
The SCI uses the standard non-return-to-zero mark/space data format
illustrated in Figure 14-6.
Figure 14-6. SCI Data Formats
BIT 5
START
BIT
BIT 0
BIT 1
NEXT
STOP
BIT
START
BIT
8-BIT DATA FORMAT
BIT M IN IRSCC1 CLEAR
START
BIT
BIT 0
NEXT
STOP
BIT
START
BIT
9-BIT DATA FORMAT
BIT M IN IRSCC1 SET
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 2
BIT 3
BIT 4
BIT 6
BIT 7
PARITY
BIT
PARITY
BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com