Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 259 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 259 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 255Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 256Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 257Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 258Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 259Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 260Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 261Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 262Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 263Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 440 page
background image
Infrared Serial Communications Interface Module (IRSCI)
SCI Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
259
14.6.2.3 Break Characters
Writing a logic 1 to the send break bit, SBK, in IRSCC2 loads the transmit
shift register with a break character. A break character contains all logic
0s and has no start, stop, or parity bit. Break character length depends
on the M bit in IRSCC1. As long as SBK is at logic 1, transmitter logic
continuously loads break characters into the transmit shift register. After
software clears the SBK bit, the shift register finishes transmitting the
last break character and then transmits at least one logic 1. The
automatic logic 1 at the end of a break character guarantees the
recognition of the start bit of the next character.
The SCI recognizes a break character when a start bit is followed by
eight or nine logic 0 data bits and a logic 0 where the stop bit should be.
Receiving a break character has the following effects on SCI registers:
•
Sets the framing error bit (FE) in IRSCS1
•
Sets the SCI receiver full bit (SCRF) in IRSCS1
•
Clears the SCI data register (IRSCDR)
•
Clears the R8 bit in IRSCC3
•
Sets the break flag bit (BKF) in IRSCS2
•
May set the overrun (OR), noise flag (NF), parity error (PE), or
reception in progress flag (RPF) bits
14.6.2.4 Idle Characters
An idle character contains all logic 1s and has no start, stop, or parity bit.
Idle character length depends on the M bit in IRSCC1. The preamble is
a synchronizing idle character that begins every transmission.
If the TE bit is cleared during a transmission, the TxD pin becomes idle
after completion of the transmission in progress. Clearing and then
setting the TE bit during a transmission queues an idle character to be
sent after the character currently being transmitted.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com