Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 261 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 261 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 257Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 258Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 259Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 260Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 261Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 262Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 263Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 264Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 265Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 440 page
background image
Infrared Serial Communications Interface Module (IRSCI)
SCI Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
261
Figure 14-8. SCI Receiver Block Diagram
ALL 0s
M
WAKE
ILTY
PEN
PTY
BKF
RPF
H
876543210L
11-BIT
RECEIVE SHIFT REGISTER
DATA
RECOVERY
DMARE
SCRF
OR
ORIE
NF
NEIE
FE
FEIE
PE
PEIE
DMARE
SCRIE
SCRF
ILIE
IDLE
WAKEUP
LOGIC
PARITY
CHECKING
SCI DATA REGISTER
R8
DMARE
ORIE
NEIE
FEIE
PEIE
SCRIE
ILIE
RWU
SCRF
IDLE
OR
NF
FE
PE
INTERNAL BUS
PRE-
SCALER
BAUD
DIVIDER
÷ 16
SCP1
SCP0
SCR2
SCR1
SCR0
SCRIE
DMARE
SCI_RxD
CGMXCLK
BUS CLOCK
A
B
SL
X
SL = 0 => X = A
SL = 1 => X = B
CKS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com