Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 265 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 265 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 261Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 262Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 263Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 264Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 265Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 266Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 267Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 268Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 269Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 440 page
background image
Infrared Serial Communications Interface Module (IRSCI)
SCI Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
265
As the receiver samples an incoming character, it resynchronizes the RT
clock on any valid falling edge within the character. Resynchronization
within characters corrects misalignments between transmitter bit times
and receiver bit times.
Slow Data Tolerance
Figure 14-10 shows how much a slow received character can be
misaligned without causing a noise error or a framing error. The slow
stop bit begins at RT8 instead of RT1 but arrives in time for the stop bit
data samples at RT8, RT9, and RT10.
Figure 14-10. Slow Data
For an 8-bit character, data sampling of the stop bit takes the receiver
9 bit times
× 16 RT cycles + 10 RT cycles = 154 RT cycles.
With the misaligned character shown in Figure 14-10, the receiver
counts 154 RT cycles at the point when the count of the transmitting
device is 9 bit times
× 16 RT cycles + 3 RT cycles = 147 RT cycles.
The maximum percent difference between the receiver count and the
transmitter count of a slow 8-bit character with no errors is
For a 9-bit character, data sampling of the stop bit takes the receiver
10 bit times
× 16 RT cycles + 10 RT cycles = 170 RT cycles.
With the misaligned character shown in Figure 14-10, the receiver
counts 170 RT cycles at the point when the count of the transmitting
device is 10 bit times
× 16 RT cycles + 3 RT cycles = 163 RT cycles.
MSB
STOP
DATA
SAMPLES
RECEIVER
RT CLOCK
154
147
–
154
--------------------------
100
×
4.54%
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com