Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 268 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 268 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 264Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 265Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 266Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 267Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 268Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 269Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 270Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 271Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 272Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 440 page
background image
Infrared Serial Communications
Data Sheet
MC68HC908AP Family — Rev. 2.5
268
MOTOROLA
14.6.3.7 Receiver Interrupts
The following sources can generate CPU interrupt requests from the SCI
receiver:
•
SCI receiver full (SCRF) — The SCRF bit in IRSCS1 indicates that
the receive shift register has transferred a character to the
IRSCDR. SCRF can generate a receiver interrupt request. Setting
the SCI receive interrupt enable bit, SCRIE, in IRSCC2 enables
the SCRF bit to generate receiver CPU interrupts.
•
Idle input (IDLE) — The IDLE bit in IRSCS1 indicates that 10 or 11
consecutive logic 1s shifted in from the RxD pin. The idle line
interrupt enable bit, ILIE, in IRSCC2 enables the IDLE bit to
generate CPU interrupt requests.
14.6.3.8 Error Interrupts
The following receiver error flags in IRSCS1 can generate CPU interrupt
requests:
•
Receiver overrun (OR) — The OR bit indicates that the receive
shift register shifted in a new character before the previous
character was read from the IRSCDR. The previous character
remains in the IRSCDR, and the new character is lost. The
overrun interrupt enable bit, ORIE, in IRSCC3 enables OR to
generate SCI error CPU interrupt requests.
•
Noise flag (NF) — The NF bit is set when the SCI detects noise on
incoming data or break characters, including start, data, and stop
bits. The noise error interrupt enable bit, NEIE, in IRSCC3 enables
NF to generate SCI error CPU interrupt requests.
•
Framing error (FE) — The FE bit in IRSCS1 is set when a logic 0
occurs where the receiver expects a stop bit. The framing error
interrupt enable bit, FEIE, in IRSCC3 enables FE to generate SCI
error CPU interrupt requests.
•
Parity error (PE) — The PE bit in IRSCS1 is set when the SCI
detects a parity error in incoming data. The parity error interrupt
enable bit, PEIE, in IRSCC3 enables PE to generate SCI error
CPU interrupt requests.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com