Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 270 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 270 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 266Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 267Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 268Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 269Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 270Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 271Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 272Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 273Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 274Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 440 page
background image
Infrared Serial Communications
Data Sheet
MC68HC908AP Family — Rev. 2.5
270
MOTOROLA
To protect status bits during the break state, write a logic 0 to the BCFE
bit. With BCFE at logic 0 (its default state), software can read and write
I/O registers during the break state without affecting status bits. Some
status bits have a two-step read/write clearing procedure. If software
does the first step on such a bit before the break, the bit cannot change
during the break state as long as BCFE is at logic 0. After the break,
doing the second step clears the status bit.
14.9 I/O Signals
The two IRSCI I/O pins are:
•
PTC6/SCTxD — Transmit data
•
PTC7/SCRxD — Receive data
14.9.1 PTC6/SCTxD (Transmit Data)
The PTC6/SCTxD pin is the serial data (standard or infrared) output from
the SCI transmitter. The IRSCI shares the PTC6/SCTxD pin with port C.
When the IRSCI is enabled, the PTC6/SCTxD pin is an output
regardless of the state of the DDRC6 bit in data direction register C
(DDRC).
NOTE:
The PTC6/SCTxD pin is an open-drain pin when configured as an
output. Therefore, when configured as SCTxD or a general purpose
output pin (PTC6), a pullup resistor must be connected to this pin.
14.9.2 PTC7/SCRxD (Receive Data)
The PTC7/SCRxD pin is the serial data input to the IRSCI receiver. The
IRSCI shares the PTC7/SCRxD pin with port C. When the IRSCI is
enabled, the PTC7/SCRxD pin is an input regardless of the state of the
DDRC7 bit in data direction register C (DDRC).
NOTE:
The PTC7/SCRxD pin is an open-drain pin when configured as an
output. Therefore, when configured as a general purpose output pin
(PTC7), a pullup resistor must be connected to this pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com