Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 271 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 271 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 267Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 268Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 269Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 270Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 271Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 272Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 273Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 274Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 275Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 440 page
background image
Infrared Serial Communications Interface Module (IRSCI)
I/O Registers
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
271
Table 14-5 shows a summary of I/O pin functions when the SCI is
enabled.
14.10 I/O Registers
The following I/O registers control and monitor SCI operation:
•
IRSCI control register 1 (IRSCC1)
•
IRSCI control register 2 (IRSCC2)
•
IRSCI control register 3 (IRSCC3)
•
IRSCI status register 1 (IRSCS1)
•
IRSCI status register 2 (IRSCS2)
•
IRSCI data register (IRSCDR)
•
IRSCI baud rate register (IRSCBR)
•
IRSCI infrared control register (IRSCIRCR)
Table 14-5. SCI Pin Functions (Standard and Infrared)
IRSCC1
[ENSCI]
IRSCIRCR
[IREN]
IRSCC2
[TE]
IRSCC2
[RE]
TxD Pin
RxD Pin
10
0
0
Hi-Z(1)
Input ignored (terminate externally)
10
0
1
Hi-Z(1)
Input sampled, pin should idle high
1
0
1
0
Output SCI (idle high)
Input ignored (terminate externally)
1
0
1
1
Output SCI (idle high)
Input sampled, pin should idle high
11
0
0
Hi-Z(1)
Input ignored (terminate externally)
11
0
1
Hi-Z(1)
Input sampled, pin should idle high
1
1
1
0
Output IR SCI (idle high)
Input ignored (terminate externally)
1
1
1
1
Output IR SCI (idle high)
Input sampled, pin should idle high
0
X
X
X
Pins under port control (standard I/O port)
Notes:
1. After completion of transmission in progress.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com