Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 263 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 263 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 259Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 260Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 261Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 262Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 263Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 264Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 265Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 266Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 267Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 440 page
background image
Infrared Serial Communications Interface Module (IRSCI)
SCI Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
263
To locate the start bit, data recovery logic does an asynchronous search
for a logic 0 preceded by three logic 1s. When the falling edge of a
possible start bit occurs, the RT clock begins to count to 16.
To verify the start bit and to detect noise, data recovery logic takes
samples at RT3, RT5, and RT7. Table 14-2 summarizes the results of
the start bit verification samples.
If start bit verification is not successful, the RT clock is reset and a new
search for a start bit begins.
To determine the value of a data bit and to detect noise, recovery logic
takes samples at RT8, RT9, and RT10. Table 14-3 summarizes the
results of the data bit samples.
Table 14-2. Start Bit Verification
RT3, RT5, and RT7
Samples
Start Bit
Verification
Noise Flag
000
Yes
0
001
Yes
1
010
Yes
1
011
No
0
100
Yes
1
101
No
0
110
No
0
111
No
0
Table 14-3. Data Bit Recovery
RT8, RT9, and RT10
Samples
Data Bit
Determination
Noise Flag
000
0
0
001
0
1
010
0
1
011
1
1
100
0
1
101
1
1
110
1
1
111
1
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com