| Electronic Components Datasheet Search |
|
ATTINY817-MFR. Datasheet(PDF) 150 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATTINY817-MFR. Datasheet(HTML) 150 Page - Microchip Technology |
|
150 / 492 page ![]() Figure 20-9. Frequency Waveform Generation CNT WG Output MAX TOP BOTTOM Period (T) Direction change CNT written "update" The waveform frequency (fFRQ) is defined by the following equation: ��FRQ= fCLK_PER 2��CMPn+1 where N represents the prescaler divider used (CLKSEL in TCA.CTRLA), and fCLK_PER is the system clock for the peripherals. The maximum frequency of the waveform generated is half of the peripheral clock frequency (fCLK_PER/2) when TCA.CMPn is written to zero (0x0000) and no prescaling is used (N=1, CLKSEL=0x0 in TCA.CTRLA). Single-Slope PWM Generation For single-slope Pulse Width Modulation (PWM) generation, the period (T) is controlled by TCA.PER, while the values of TCA.CMPn control the duty cycle of the WG output. The figure below shows how the counter counts from BOTTOM to TOP and then restarts from BOTTOM. The waveform generator (WO) output is set at TOP, and cleared on the compare match between the TCA.CNT and TCA.CMPn registers. Figure 20-10. Single-Slope Pulse Width Modulation CNT Output WOn MAX TOP CMPn BOTTOM Period (T) CMPn=BOTTOM CMPn=TOP "update" "match" The TCA.PER register defines the PWM resolution. The minimum resolution is 2 bits (TCA.PER=0x0003), and the maximum resolution is 16 bits (TCA.PER=MAX). The following equation calculates the exact resolution for single-slope PWM (RPWM_SS): ��PWM_SS=logPER+1 log2 The single-slope PWM frequency (fPWM_SS) depends on the period setting (TCA_PER), the system's peripheral clock frequency fCLK_PER, the TCA prescaler (CLKSEL in TCA.CTRLA). It is calculated by the following equation: ��PWM_SS= ��CLK_PER ��PER+1 ATtiny417/817 © 2017 Microchip Technology Inc. Datasheet Complete DS40001901B-page 150 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |