Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DVL4A Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MIMXRT8024DVL4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DVL4A Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MIMXRT8024DVL4A Datasheet HTML 23Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 24Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 25Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 26Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 27Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 28Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 29Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 30Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
• VDD_SNVS_IN supply must be turned off after any other power supply or be connected (shorted) with VDD_HIGH_IN supply.
• If a coin cell is used to power VDD_SNVS_IN, then ensure that it is removed after any other supply is switched off.
4.2.1.3 Power supplies usage
All I/O pins should not be externally driven while the I/O power supply for the pin (NVCC_xxx) is OFF. This can cause internal
latch-up and malfunctions due to reverse current flows. For information about I/O power supply of each pin, see "Power Rail"
columns in pin list tables of Package information and contact assignments.
4.2.2 Integrated LDO voltage regulator parameters
Various internal supplies can be powered ON from internal LDO voltage regulators. All the supply pins named *_CAP must be
connected to external capacitors. The on-board LDOs are intended for internal use only and should not be used to power any
external circuitry. See the
i.MX RT1060X Reference Manual (IMXRT1060XRM) for details on the power tree scheme.
The *_CAP signals should not be powered externally. These signals are intended for internal LDO operation only.
NOTE
4.2.2.1 Digital regulators (LDO_SNVS)
There are one digital LDO regulator ("Digital", because of the logic loads that they drive, not because of their construction). The
advantages of the regulator is to reduce the input supply variation because of its input supply ripple rejection and its on-die
trimming. This translates into more stable voltage for the on-chip logics.
The regulator has two basic modes:
• Power Gate. The regulation FET is switched fully off limiting the current draw from the supply. The analog part of the regulator
is powered down here limiting the power consumption.
• Analog regulation mode. The regulation FET is controlled such that the output voltage of the regulator equals the
target voltage.
For additional information, see the
i.MX RT1060X Reference Manual (IMXRT1060XRM).
4.2.2.2 Regulators for analog modules
4.2.2.2.1 LDO_1P1
The LDO_1P1 regulator implements a programmable linear-regulator function from VDD_HIGH_IN (see Table 9 for minimum and
maximum input requirements). Typical Programming Operating Range is 1.0 V to 1.2 V with the nominal default setting as 1.1
V. The LDO_1P1 supplies the USB PHY, and PLLs. A programmable brown-out detector is included in the regulator that can
be used by the system to determine when the load capability of the regulator is being exceeded to take the necessary steps.
Current-limiting can be enabled to allow for in-rush current requirements during start-up, if needed. Active-pull-down can also be
enabled for systems requiring this feature.
For additional information, see the
i.MX RT1060X Reference Manual (IMXRT1060XRM).
4.2.2.2.2 LDO_2P5
The LDO_2P5 module implements a programmable linear-regulator function from VDD_HIGH_IN (see Table 9 for minimum and
maximum input requirements). Typical Programming Operating Range is 2.25 V to 2.75 V with the nominal default setting as 2.5
V. LDO_2P5 supplies the USB PHY, E-fuse module, and PLLs. A programmable brown-out detector is included in the regulator
that can be used by the system to determine when the load capability of the regulator is being exceeded, to take the necessary
steps. Current-limiting can be enabled to allow for in-rush current requirements during start-up, if needed. Active-pull-down can
also be enabled for systems requiring this feature. An alternate self-biased low-precision weak-regulator is included that can be
enabled for applications needing to keep the output voltage alive during low-power modes where the main regulator driver and its
associated global bandgap reference module are disabled. The output of the weak-regulator is not programmable and is a function
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
27 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com