Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DVL4A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MIMXRT8024DVL4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DVL4A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MIMXRT8024DVL4A Datasheet HTML 8Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 9Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 10Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 11Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 12Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 13Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 14Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 15Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 103 page
background image
Table 2. i.MX RT1060X modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description
FLEXCAN1
FLEXCAN2
Flexible Controller
Area Network
Connectivity
Peripherals
The CAN protocol was primarily, but not only, designed
to be used as a vehicle serial data bus, meeting the
specific requirements of this field: real-time processing,
reliable operation in the Electromagnetic interference
(EMI) environment of a vehicle, cost-effectiveness
and required bandwidth. The FlexCAN module is a
full implementation of the CAN protocol specification,
Version 2.0 B, which supports both standard and
extended message frames.
FLEXCAN (FD)
Flexible Controller
Area Network
Connectivity
Peripherals
The CAN with Flexible Data-Rate protocol and the
CAN 2.0 version B protocol supports both standard
and extended message frames, both of them have long
payloads up to 64 bytes transferred at faster rates up to
8 Mbps.
FlexIO1
FlexIO2
Flexible Input/output
Connectivity and
Communications
The FlexIO is capable of supporting a wide range of
protocols including, but not limited to: UART, I2C, SPI,
I2S, camera interface, display interface, PWM waveform
generation, etc. The module can remain functional when
the chip is in a low power mode provided the clock it is
using remain active.
FlexPWM1
FlexPWM2
FlexPWM3
FlexPWM4
Pulse Width Modulation
Timer Peripherals The pulse-width modulator (PWM) contains four
PWM sub-modules, each of which is set up to
control a single half-bridge power stage. Fault
channel support is provided. The PWM module can
generate various switching patterns, including highly
sophisticated waveforms.
FlexRAM
RAM
Memories
The i.MX RT1060X has 1 MB of on-chip RAM which
could be flexible allocated to I-TCM, D-TCM, and on-chip
RAM (OCRAM) in a 32 KB granularity. The FlexRAM is
the manager of the on-chip RAM array. Major functions
of this blocks are: interfacing to I-TCM and D-TCM of
Arm core and OCRAM controller; dynamic RAM arrays
allocation for I-TCM, D-TCM, and OCRAM.
FlexSPI
Quad Serial
Peripheral Interface
Connectivity and
Communications
FlexSPI acts as an interface to one or two external
serial flash devices, each with up to four bidirectional
data lines.
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
General Purpose
I/O Modules
System
Control Peripherals
Used for general purpose input/output to external ICs.
Each GPIO module supports up to 32 bits of I/O.
Table continues on the next page...
NXP Semiconductors
Modules List
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
12 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com