Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DVL4A Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MIMXRT8024DVL4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DVL4A Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MIMXRT8024DVL4A Datasheet HTML 39Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 40Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 41Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 42Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 43Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 44Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 45Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 46Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 103 page
background image
4. WE# low time is configurable by SEMC_*CR0.WEL. WEL field setting value is 0x0 in above table. When WEL is set with value
N, TWEL min time should be ((N + 1) x TCK - 1). See the i.MX RT1060X Reference Manual (IMXRT1060XRM) for more detail
about SEMC_*CR0.WEL register field.
Figure 15 shows the output timing in ASYNC mode.
Internal clock
ADDR
A
ADV#
TAVO
TAHO
DATA
WE#
TCK
D
TDVO
TDHO
Figure 15. SEMC output timing in ASYNC mode
4.5.1.1.2 SEMC output timing in SYNC mode
Table 33 shows SEMC output timing in SYNC mode.
Table 33. SEMC output timing in SYNC mode
Symbol
Parameter
Min.
Max.
Unit
Comment
Frequency of operation
—
166
MHz
—
TCK
Internal clock period
6
—
ns
—
TDVO
Data output valid time
—
1
ns
These timing parameters
apply to Address/Data/DM/CKE/
control signals with SEMC_CLK
for SDRAM.
TDHO
Data output hold time
-1
—
ns
Figure 16 shows the output timing in SYNC mode.
SEMC_CLK
DATA
D
TDHO
TDVO
Figure 16. SEMC output timing in SYNC mode
NXP Semiconductors
Electrical Characteristics
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
43 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com