Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIMXRT8024DVL4A Datasheet(PDF) 96 Page - NXP Semiconductors

Part # MIMXRT8024DVL4A
Description  i.MX RT1060X Crossover Processors for Extended Products
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT8024DVL4A Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button MIMXRT8024DVL4A Datasheet HTML 92Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 93Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 94Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 95Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 96Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 97Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 98Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 99Page - NXP Semiconductors MIMXRT8024DVL4A Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 103 page
background image
Table 83. 13 x 13 mm functional contact assignments (continued)
POR_B
P9
VDD_SNVS_I
N
Digital
GPIO
ALT0
SRC.POR_B
Input
100 K PU
Input
100 K
PU
RTC_XTALI
P10
—
—
—
—
—
—
—
—
RTC_XTALO
R10
—
—
—
—
—
—
—
—
TEST_MODE
M8
VDD_SNVS_I
N
Digital
GPIO
ALT0
TCU.TEST_MOD
E
Input
100 K PU
Input
100 K
PU
USB_OTG1_CHD
_B
P13
—
—
—
—
—
—
—
—
USB_OTG1_DN
P8
—
—
—
—
—
—
—
—
USB_OTG1_DP
R8
—
—
—
—
—
—
—
—
USB_OTG1_VBU
S
N9
—
—
—
—
—
—
—
—
USB_OTG2_DN
P7
—
—
—
—
—
—
—
—
USB_OTG2_DP
R8
—
—
—
—
—
—
—
—
USB_OTG2_VBU
S
N8
—
—
—
—
—
—
—
—
XTALI
R12
—
—
—
—
—
—
—
—
XTALO
P12
—
—
—
—
—
—
—
—
WAKEUP
L9
VDD_SNVS_I
N
Digital
GPIO
ALT5
GPIO5.IO[0]
Input
100 K PU
Input
100 K
PU
6.1.3 13 x 13 mm, 0.8 mm pitch, ball map
Table 84 shows the 13 x 13 mm, 0.8 mm pitch ball map for the i.MX RT1060X.
Table 84. 13 x 13 mm, 0.8 mm pitch, ball map
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
VSS GPIO
_EM
C_19
GPIO
_EM
C_17
GPIO
_EM
C_14
GPIO
_EM
C_39
GPIO
_SPI
_B0_
13
GPIO
_SPI
_B0_
12
GPIO
_SPI
_B0_
09
GPIO
_SPI
_B0_
03
GPIO
_SPI
_B0_
00
GPIO
_B0_
05
GPIO
_B0_
07
GPIO
_B0_
11
GPIO
_B1_
01
VSS A
B
GPIO
_EM
C_15
GPIO
_EM
C_26
GPIO
_EM
C_20
GPIO
_EM
C_13
GPIO
_EM
C_38
GPIO
_EM
C_40
GPIO
_SPI
_B0_
11
GPIO
_SPI
_B0_
08
GPIO
_SPI
_B0_
04
GPIO
_B0_
03
GPIO
_B0_
06
GPIO
_B0_
08
GPIO
_B1_
00
GPIO
_B1_
08
GPIO
_B1_
09
B
Table continues on the next page...
NXP Semiconductors
Package information and contact assignments
i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022
Data Sheet: Technical Data
96 / 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com