Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 121 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 117Page - STMicroelectronics L99DZ100GP Datasheet HTML 118Page - STMicroelectronics L99DZ100GP Datasheet HTML 119Page - STMicroelectronics L99DZ100GP Datasheet HTML 120Page - STMicroelectronics L99DZ100GP Datasheet HTML 121Page - STMicroelectronics L99DZ100GP Datasheet HTML 122Page - STMicroelectronics L99DZ100GP Datasheet HTML 123Page - STMicroelectronics L99DZ100GP Datasheet HTML 124Page - STMicroelectronics L99DZ100GP Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 197 page
background image
DS11546 Rev 5
121/197
L99DZ100G, L99DZ100GP
Serial Peripheral Interface (SPI)
196
This chapter describes the SPI protocol standardization. It defines a common structure of
the communication frames and defines specific addresses for product and status
information.
The ST-SPI allows usage of generic software to operate the devices while maintaining the
required flexibility to adapt it to the individual functionality of a particular product. In addition,
failsafe mechanisms are implemented to protect the communication from external
influences and wrong or unwanted usage.
The devices Serial Peripheral Interface are compliant to the ST SPI Standard Rev. 4.0.
5.1.1
Physical layer
Figure 53. SPI pin description
5.2
Signal description
Chip Select Not (CSN)
The communication interface is de-selected, when this input signal is logically high. A
falling edge on CSN enables and starts the communication while a rising edge finishes
the communication and the sent command is executed when a valid frame was sent.
During communication start and stop the Serial Clock (SCK) has to be logically low.
The Serial Data Out (SDO) is in high impedance when CSN is high or a communication
timeout was detected.
Serial Clock (SCK)
This SCK provides the clock of the SPI. Data present at Serial Data Input (SDI) is
latched on the rising edge of Serial Clock (SCK) into the internal shift registers while on
the falling edge data from the internal shift registers are shifted out to Serial Data Out
(SDO).
Serial Data Input (SDI)
This input is used to transfer data serially into the device. Data is latched on the rising
edge of Serial Clock (SCK).
Serial Data Output (SDO)
This output signal is used to transfer data serially out of the device. Data is shifted out
on the falling edge of Serial Clock (SCK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com