Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ100GP Datasheet(PDF) 123 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 123 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 119Page - STMicroelectronics L99DZ100GP Datasheet HTML 120Page - STMicroelectronics L99DZ100GP Datasheet HTML 121Page - STMicroelectronics L99DZ100GP Datasheet HTML 122Page - STMicroelectronics L99DZ100GP Datasheet HTML 123Page - STMicroelectronics L99DZ100GP Datasheet HTML 124Page - STMicroelectronics L99DZ100GP Datasheet HTML 125Page - STMicroelectronics L99DZ100GP Datasheet HTML 126Page - STMicroelectronics L99DZ100GP Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 197 page
background image
DS11546 Rev 5
123/197
L99DZ100G, L99DZ100GP
Serial Peripheral Interface (SPI)
196
The communication frame is finished with the rising edge of CSN. If a valid communication
took place (e.g. correct number of SCK cycles, access to a valid address), the requested
operation according to the Operating Code will be performed (Write or Clear operation).
5.2.2
Communication protocol
SDI Frame
The devices Data-In Frame consist of 32-bit (OpCode (2 bits) + Address (6 bits) + Data Byte
3 + Data Byte 2 + Data Byte 1). The first two transmitted bits (MSB, MSB-1) contain the
Operation Code which represents the instruction which will be performed. The following 6
bits (MSB-2 to MSB-7) represent the address on which the operation will be performed. The
subsequent bytes contain the payload.
Figure 56. SDI Frame
Operating code
The operating code is used to distinguish between different access modes to the registers of
the slave device.
A Write Operation will lead to a modification of the addressed data by the payload if a write
access is allowed (e.g. Control Register, valid data). Beside this a shift out of the content
(data present at Communication Start) of the registers is performed.
A Read Operation shifts out the data present in the addressed register at Communication
Start. The payload data will be ignored and internal data will not be modified. In addition a
Burst Read can be performed.
Table 71. Operation codes
OC1
OC0
Description
0
0
Write Operation
0
1
Read Operation
1
0
Read & Clear Operation
1
1
Read Device Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com