Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 112 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 108Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 109Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 110Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 111Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 112Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 113Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 114Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 115Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 119 page
background image
General Release Specification
3.0 Volt DC Electrical Characteristics1
MC68HC805K3 — Rev. 1.0
112
Electrical Specifications
12.6 3.0 Volt DC Electrical Characteristics1
Characteristic
Symbol
Min
Typ
Max
Unit
Output High Voltage (I
LOAD = –0.4 mA)
PA7–PA0, PB1/OSC3, PB0
V
OH
V
DD –0.3
—
—
V
Output Low Voltage
PA3–PA0, PB1/OSC3, PB0 (I
LOAD = 0.4 mA)
PA7–PA4 (I
LOAD = 3.0 mA)
V
OL
—
—
—
—
0.3
0.3
V
Input High Voltage
PA0–PA7, PB0, PB1/OSC3, IRQ, RESET, OSC1
V
IH
0.7 x V
DD
—V
DD
V
Input Low Voltage
PA0–PA7, PB0, PB1/OSC3, IRQ, RESET, OSC1
V
IL
V
SS
—
0.2 x V
DD
V
Supply Current (f
OP = 1 MHz, see Notes 4–8)
Run
Wait
Stop
25
°C
0
°C to +70 °C (Standard)
–40
°C to +85 °C (Extended)
I
DD
—
—
—
—
—
—
—
50
—
—
2.0
0.75
200
275
300
mA
mA
nA
nA
nA
I/O Ports Hi-Z Leakage Current
PA0–PA7, PB0–PB1
(Without Individual Pulldown Activated)
IIL
——
1
µA
Input Pulldown Current
PA0–PA7, PB0–PB1
IIL
25
50
100
µA
Input Current
IRQ, OSC1
RESET (VIN = VIH)
RESET (VIN = VIL)
I
IN
—
—
—
—
10
30
1
—
—
µA
RESET, Internal Pulldown Device
I
IN
0.2
2.0
4.0
mA
Capacitance
Ports (As Input or Output)
RESET, IRQ, OSC1, OSC2
C
OUT
C
IN
—
—
—
—
12
8
pF
Crystal/Ceramic Resonator
Oscillator Mode Internal Resistor
OSC1 to OSC2
R
OSC
1.0
2.0
3.0
M
Ω
NOTES:
1. VDD = 3.0 Vdc ± 0.5 Vdc, VSS = 0 Vdc, TA = –40 °C to +85 °C, unless otherwise note
2. All values shown reflect average measurements.
3. Typical values at midpoint of voltage range, 25
°C only.
4. Wait I
DD: Only timer system active
5. Run (Operating) I
DD, Wait IDD: Measured using external square wave clock source to OSC1, all inputs 0.2 Vdc
from rail; no DC loads, less than 50 pF on all outputs, C
L = 20 pF on OSC2.
6. Wait, Stop I
DD: All ports configured as inputs, VIL = 0.2 Vdc, V
IH = VDD –0.2 Vdc.
7. Stop I
DD measured with OSC1 = VDD, RESET open
8. Wait I
DD is affected linearly by the OSC2 capacitance.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com