Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 113 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 109Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 110Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 111Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 112Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 113Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 114Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 115Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 116Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 119 page
background image
General Release Specification
5.0 Volt Control Timing1
MC68HC805K3 — Rev. 1.0
Electrical Specifications
113
12.7 5.0 Volt Control Timing1
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
3-Pin RC Oscillator Option
2-Pin RC Oscillator Option
Crystal Oscillator Option
External Clock Source
f
OSC
0.1
0.1
0.5
DC
1.25
2.7
4.0
4.0
MHz
Internal Operating Frequency
RC Oscillator (f
OSC ÷ 2)
Crystal Oscillator (f
OSC ÷ 2)
External Clock (f
OSC ÷ 2)
f
OP
0.5
1.0
DC
1.0
2.0
2.0
MHz
Cycle Time (1
÷ f
OP)tCYC
500
—
ns
RC Oscillator Stabilization Time
t
RCON
—1
ms
Crystal Oscillator Startup Time (Crystal Oscillator Option)
t
OXON
—
100
ms
Stop Recovery Startup Time (Crystal Oscillator Option)
t
ILCH
—
100
ms
RESET Pulse Width Low
t
RL
1.5
—
t
CYC
Timer Resolution (see Note 2)
t
RESL
4.0
—
t
CYC
IRQ Interrupt Pulse Width Low (Edge-Triggered)
t
ILIH
125
—
ns
IRQ Interrupt Pulse Period
t
ILIL
Note 3
—
t
CYC
PA0 through PA3 Interrupt Pulse Width High (Edge-Triggered)
t
IHIL
125
—
ns
PA0 through PA3 Interrupt Pulse Period
t
IHIH
Note 3
—
t
CYC
OSC1 Pulse Width
t
90
—
ns
2-Pin RC Oscillator Frequency Combined Stability (see Note 4)
f
OSC = 500 kHz
∆f
OSC
—
±35
%
3-Pin RC Oscillator Frequency Combined Stability (see Note 4)
f
OSC = 500 kHz
∆f
OSC
—
±25
%
PEEPROM Bit Programming Time
t
EPGM
—10
ms
PEEPROM Byte Erase Time
t
ERBT
—10
ms
PEEPROM Bulk Erase Time
t
ERBK
—30
ms
PEEPROM Charge Pump Startup Time
t
CP
—1
ms
NOTES:
1.VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = –40 °C to +85 °C, unless otherwise note
2.The 2-bit timer prescaler is the limiting factor in determining timer resolution.
3.The minimum period t
ILIL or tIHIH should not be less than the number of cycles it takes to execute the interrupt
service routine plus 19 t
CYC.
4.Effects of processing, temperature, and supply voltage (including tolerances of external 1% R and 2% C).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com