Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K311NHT0MPAST Datasheet(PDF) 70 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 66Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 67Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 68Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 69Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 70Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 71Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 72Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 73Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 143 page
background image
Table 26. 5.0V (4.5V - 5.5V) GPIO Output AC Specification (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_50_F
5.0V Fast GPIO rise/
fall time 1,2,3,4
1.3
—
6.1
ns
DSE=1, SRE=1 CL
(max) = 50pF
—
1. I/O timing specifications are valid for the un-terminated 50ohm transmission line reference load given in the figure below.
A lumped 8pF load (typical) is assumed at the end of a 5 inch microstrip trace on standard FR4 with approximately 3.3pF/
inch. For best signal integrity, the series resistance in the transmission line should be matched closely to the selected
output resistance (ROUT_*) of the I/O pad.
2. GPIO output transition time information can be obtained from the device IBIS model. IBIS models are recommended for
system level simulations, as discrete values for I/O transition times are not representative of the I/O pad behavior when
connected to an actual transmission line load.
3. GPIO rise/fall time specifications are derived from simulation model for the defined operating points (between 20% and
80% of VDD_HV_A/B level). Actual application rise/fall time should be extracted from IBIS model simulations with the
microcontroller models and application PCB.
4. Output timing valid for maximum external load C L = 50pF (includes PCB trace, package trace, and external device input
load).
RDSON
RPCB = RDSON
PCB
External
device
MCUsee note 1
RDSON
5 in.
(4 layer FR4)
CPCB = ~1.5 pF/inch * 5 inch = ~7.5 pF
CL = 8 pF
1. See IBIS models for further details.
Notes:
Figure 32. Reference Load Diagram
7.4 3.3V (2.97V - 3.63V) GPIO Output AC Specification
Table 27. 3.3V (2.97V - 3.63V) GPIO Output AC Specification
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_33_S
3.3V Standard GPIO
rise/fall time 1,2,3
5
—
28
ns
CL (max) = 25pF
—
TR_TF_33_S
3.3V Standard GPIO
rise/fall time 1,2,3
9.5
—
43
ns
CL (max) = 25pF
—
TR_TF_33_SP
3.3V Standard
Plus GPIO rise/fall
time 1,2,3
4
—
17.5
ns
DSE=0 CL (max) =
25pF
—
TR_TF_33_SP
3.3V Standard
Plus GPIO rise/fall
time 1,2,3
1.9
—
10
ns
DSE=1 CL (max) =
25pF
—
Table continues on the next page...
NXP Semiconductors
I/O parameters
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
70 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com