Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S32K311NHT0MPAST Datasheet(PDF) 81 Page - NXP Semiconductors

Part # S32K311NHT0MPAST
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K311NHT0MPAST Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button S32K311NHT0MPAST Datasheet HTML 77Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 78Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 79Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 80Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 81Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 82Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 83Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 84Page - NXP Semiconductors S32K311NHT0MPAST Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 143 page
background image
Table 37. Low Power Comparator (LPCMP) (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VAHYST1
Analog Comparator
Hysteresis, High
Speed Mode
14
41
mV
HYSTCTR[1:0]= 2'b01 —
VAHYST2
Analog Comparator
Hysteresis, High
Speed Mode
27
76
mV
HYSTCTR[1:0]= 2'b10 —
VAHYST3
Analog Comparator
Hysteresis, High
Speed Mode
40
111
mV
HYSTCTR[1:0]= 2'b11 —
VAHYST0
Analog Comparator
Hysteresis, Low
Speed mode
0
mV
HYSTCTR[1:0]= 2'b00 —
VAHYST1
Analog Comparator
Hysteresis, Low
Speed mode
8
60
mV
HYSTCTR[1:0]= 2'b01 —
VAHYST2
Analog Comparator
Hysteresis, Low
Speed mode
15
113
mV
HYSTCTR[1:0]= 2'b10 —
VAHYST3
Analog Comparator
Hysteresis, Low
Speed mode
23
165
mV
HYSTCTR[1:0]= 2'b11 —
INL
DAC integral
linearity 2,6,7
-1
1
LSB
vrefh_cmp = vdda,
vrefl_cmp = vss
INL
DAC integral
linearity 2,6,7
-1.5
1.5
LSB
vrefh_cmp < vdda
DNL
DAC differential
linearity 2,6
-1
1
LSB
vrefh_cmp = vdda,
vrefl_cmp = vss
DNL
DAC differential
linearity 2,6
-1.5
1.5
LSB
vrefh_cmp < vdda
tDDAC
DAC
Initialization time
30
us
VAIN
Analog input voltage 0
VDDA
V
1. Difference at input > 200mV
2. vdda is comparator HV supply and internally shorted to VDD_HV_A pin. vss is comparator ground
3. Applied +/- (100 mV + VAHYST0/1/2/3 + max. of VAIO) around switch point
4. Applied +/- (30 mV + VAHYST0/1/2/3 + max. of VAIO) around switch point
5. Applied ± (100 mV + VAHYST0/1/2/3 ).
6. 1 LSB = (vrefh_cmp - vrefl_cmp) /256. vrefh_cmp and vrefl_cmp are comparator reference high and low
7. Calculation method used: Linear Regression Least Square Method
For Comparator IN signals adjacent to VDD_HV_A/VDD_HV_B/VSS or XTAL/EXTAL or switching pins cross coupling may
happen and hence hysteresis settings can be used to obtain the desired Comparator performance. Additionally an external
capacitor to ground (1nF) should be used to filter noise on input signal. Also source drive should not be weak (Signal with <50K
pull up/down is recommended).
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
81 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com